Part Number Hot Search : 
MC74ACT 1N5821 HV0406DG RF310 GBU4D KBPC810 T6328A KE250
Product Description
Full Text Search
 

To Download RFD3055LE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RFD3055LE, RFD3055LESM, RFP3055LE
Data Sheet January 2002
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
These N-Channel enhancement-mode power MOSFETs are manufactured using the latest manufacturing process technology. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers and relay drivers. These transistors can be operated directly from integrated circuits. Formerly developmental type TA49158.
Features
* 11A, 60V * rDS(ON) = 0.107 * Temperature Compensating PSPICE(R) Model * Peak Current vs Pulse Width Curve * UIS Rating Curve * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Symbol
D
Ordering Information
PART NUMBER RFD3055LE RFD3055LESM RFP3055LE PACKAGE TO-251AA TO-252AA TO-220AB BRAND F3055L
G
F3055L FP3055LE
S
NOTE: When ordering, use the entire part number. Add the suffix, 9A, to obtain the TO-252 variant in tape and reel, e.g. RFD3055LESM9A.
Packaging
JEDEC TO-220AB
SOURCE DRAIN GATE DRAIN (FLANGE) DRAIN (FLANGE)
JEDEC TO-251AA
SOURCE DRAIN GATE
JEDEC TO-252AA
DRAIN (FLANGE) GATE SOURCE
(c)2002 Fairchild Semiconductor Corporation
RFD3055LE, RFD3055LESM, RFP3055LE Rev. B
RFD3055LE, RFD3055LESM, RFP3055LE
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified RFD3055LE, RFD3055LESM, RFP3055LE 60 60 16 11 Refer to Peak Current Curve Refer to UIS Curve 38 0.25 -55 to 175 300 260 UNITS V V V A
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Single Pulse Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
W W/oC oC
oC oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 150oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS IGSS rDS(ON) tON td(ON) tr td(OFF) tf tOFF Qg(TOT) Qg(5) Qg(TH) CISS COSS CRSS RJC RJA TO-220AB TO-251AA, TO-252AA VGS = 0V to 10V VGS = 0V to 5V VGS = 0V to 1V VDS = 25V, VGS = 0V, f = 1MHz (Figure 14) VDD = 30V, ID = 8A, Ig(REF) = 1.0mA (Figures 20, 21) TEST CONDITIONS ID = 250A, VGS = 0V VGS = VDS, ID = 250A VDS = 55V, VGS = 0V VDS = 50V, VGS = 0V, TC = 150oC VGS = 16V ID = 8A, VGS = 5V (Figure 11) VDD 30V, ID = 8A, VGS = 4.5V, RGS = 32 (Figures 10, 18, 19) MIN 60 1 TYP 8 105 22 39 9.4 5.2 0.36 350 105 23 MAX 3 1 250 100 0.107 170 92 11.3 6.2 0.43 3.94 62 100 UNITS V V A A nA ns ns ns ns ns ns nC nC nC pF pF pF
oC/W oC/W oC/W
Drain to Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Drain to Source On Resistance (Note 2) Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time Total Gate Charge Gate Charge at 5V Threshold Gate Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
Source to Drain Diode Specifications
PARAMETER Source to Drain Diode Voltage Diode Reverse Recovery Time NOTES: 2. Pulse Test: Pulse Width 300ms, Duty Cycle 2%. 3. Repetitive Rating: Pulse Width limited by max junction temperature. See Transient Thermal Impedance Curve (Figure 3) and Peak Current Capability Curve (Figure 5).
(c)2002 Fairchild Semiconductor Corporation RFD3055LE, RFD3055LESM, RFP3055LE Rev. B
SYMBOL VSD trr ISD = 8A
TEST CONDITIONS
MIN
TYP -
MAX 1.25 66
UNITS V ns
ISD = 8A, dISD/dt = 100A/s
RFD3055LE, RFD3055LESM, RFP3055LE Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8 0.6 0.4 0.2 0 0 25 0 125 50 75 100 TC , CASE TEMPERATURE (oC) 150 175 25 50 75 100 125 150 175 TC, CASE TEMPERATURE (oC) ID, DRAIN CURRENT (A) VGS = 10V 10 VGS = 4.5V
Unless Otherwise Specified
15
5
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
2 1 THERMAL IMPEDANCE ZJC, NORMALIZED DUTY CYCLE - DESCENDING ORDER 0.5 0.2 0.1 0.05 0.02 0.01 PDM 0.1 t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 10-3 10-2 t, RECTANGULAR PULSE DURATION (s) 10-1 100 101
SINGLE PULSE 0.01 10-5 10-4
FIGURE 3. NORMALIZED TRANSIENT THERMAL IMPEDANCE
100
200
TC = 25oC FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: I = I25 175 - TC 150
ID, DRAIN CURRENT (A)
IDM, PEAK CURRENT (A)
100
10
100s
1
OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON) SINGLE PULSE TJ = MAX RATED TC = 25oC
1ms 10ms
VGS = 5V TRANSCONDUCTANCE MAY LIMIT CURRENT IN THIS REGION 10-4 10-3 10-2 10-1 100 101
0.1 1 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 100 200
10
10-5
t, PULSE WIDTH (s)
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
(c)2002 Fairchild Semiconductor Corporation
RFD3055LE, RFD3055LESM, RFP3055LE Rev. B
RFD3055LE, RFD3055LESM, RFP3055LE Typical Performance Curves
100 IAS, AVALANCHE CURRENT (A) If R = 0 tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD) If R 0 tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1] STARTING TJ = 25oC 10 STARTING TJ = 150oC
Unless Otherwise Specified (Continued)
15 VGS = 10V ID, DRAIN CURRENT (A) 12 VGS = 5V VGS = 4V
9 VGS = 3.5V 6 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 3 TC = 25oC 0 1 2 3 VDS, DRAIN TO SOURCE VOLTAGE (V) VGS = 3V 4
1 0.001 0.01 0.1 1 10 tAV, TIME IN AVALANCHE (ms)
0
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322 FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING FIGURE 7. SATURATION CHARACTERISTICS
15 rDS(ON), DRAIN TO SOURCE ON RESISTANCE (m) PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDD = 15V
150 ID = 3A ID = 11A ID = 5A 120 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX TC = 25oC
12 ID, DRAIN CURRENT (A)
9
6
TJ = 25oC
90
3
TJ = 175oC
0 2 3
TJ = -55oC 60 4 5 2 4 6 8 VGS, GATE TO SOURCE VOLTAGE (V) 10
VGS, GATE TO SOURCE VOLTAGE (V)
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT
150 tr 100 NORMALIZED DRAIN TO SOURCE ON RESISTANCE VGS = 4.5V, VDD = 30V, ID = 8A SWITCHING TIME (ns)
2.5 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 2.0
1.5
tf 50 td(OFF) td(ON) 0 0 10 20 30 40 50 RGS, GATE TO SOURCE RESISTANCE ()
1.0 VGS = 10V, ID = 11A 0.5 -80 -40 0 40 80 120 160 200
TJ, JUNCTION TEMPERATURE (oC)
FIGURE 10. SWITCHING TIME vs GATE RESISTANCE
FIGURE 11. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
(c)2002 Fairchild Semiconductor Corporation
RFD3055LE, RFD3055LESM, RFP3055LE Rev. B
RFD3055LE, RFD3055LESM, RFP3055LE Typical Performance Curves
1.2 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE VGS = VDS, ID = 250A NORMALIZED GATE THRESHOLD VOLTAGE
Unless Otherwise Specified (Continued)
1.2
ID = 250A
1.0
1.1
0.8
1.0
0.6 -80 -40 0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC) 200
0.9 -80 -40 0 40 80 120 160 200 TJ , JUNCTION TEMPERATURE (oC)
FIGURE 12. NORMALIZED GATE THRESHOLD VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 13. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
1000 CISS = CGS + CGD C, CAPACITANCE (pF)
10
VGS , GATE TO SOURCE VOLTAGE (V)
VDD = 30V 8
100
COSS CDS + CGD
6
4
2
VGS = 0V, f = 1MHz 10 0.1
CRSS = CGD 60
WAVEFORMS IN DESCENDING ORDER: ID = 11A ID = 5A ID = 3A
0 2 4 6 Qg, GATE CHARGE (nC) 8 10
0
1 10 VDS , DRAIN TO SOURCE VOLTAGE (V)
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260. FIGURE 14. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE FIGURE 15. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 16. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 17. UNCLAMPED ENERGY WAVEFORMS
(c)2002 Fairchild Semiconductor Corporation
RFD3055LE, RFD3055LESM, RFP3055LE Rev. B
RFD3055LE, RFD3055LESM, RFP3055LE Test Circuits and Waveforms
(Continued)
tON VDS VDS VGS RL
+
tOFF td(OFF) tr tf 90%
td(ON)
90%
DUT RGS VGS
-
VDD
0
10% 90%
10%
VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 18. SWITCHING TEST CIRCUIT
FIGURE 19. RESISTIVE SWITCHING WAVEFORMS
VDS RL VDD VDS Qg(10) OR Qg(5)
+
Qg(TOT)
VGS
VGS = 20V VGS = 10V FOR L2 DEVICES VGS = 10V VGS = 5V FOR L2 DEVICES
VDD DUT Ig(REF)
VGS VGS = 2V 0 VGS = 1V FOR L2 DEVICES Qg(TH)
Ig(REF) 0
FIGURE 20. GATE CHARGE TEST CIRCUIT
FIGURE 21. GATE CHARGE WAVEFORMS
(c)2002 Fairchild Semiconductor Corporation
RFD3055LE, RFD3055LESM, RFP3055LE Rev. B
RFD3055LE, RFD3055LESM, RFP3055LE PSPICE Electrical Model
.SUBCKT RFD3055LE 2 1 3 ;
CA 12 8 3.9e-9 CB 15 14 4.9e-9 CIN 6 8 3.25e-10 DBODY 7 5 DBODYMOD DBREAK 5 11 DBREAKMOD DPLCAP 10 5 DPLCAPMOD
10
rev 1/30/95
LDRAIN DPLCAP 5 RLDRAIN DBREAK 11 + 17 EBREAK 18 DRAIN 2 RSLC1 51 ESLC 50
RSLC2
5 51
ESG 6 8 + LGATE GATE 1 RLGATE CIN EVTEMP RGATE + 18 22 9 20 EVTHRES + 19 8 6
IT 8 17 1 LDRAIN 2 5 1.0e-9 LGATE 1 9 5.42e-9 LSOURCE 3 7 2.57e-9 MMED 16 6 8 8 MMEDMOD MSTRO 16 6 8 8 MSTROMOD MWEAK 16 21 8 8 MWEAKMOD RBREAK 17 18 RBREAKMOD 1 RDRAIN 50 16 RDRAINMOD 3.7e-2 RGATE 9 20 3.37 RLDRAIN 2 5 10 RLGATE 1 9 54.2 RLSOURCE 3 7 25.7 RSLC1 5 51 RSLCMOD 1e-6 RSLC2 5 50 1e3 RSOURCE 8 7 RSOURCEMOD 2.50e-2 RVTHRES 22 8 RVTHRESMOD 1 RVTEMP 18 19 RVTEMPMOD 1 S1A S1B S2A S2B 6 12 13 8 S1AMOD 13 12 13 8 S1BMOD 6 15 14 13 S2AMOD 13 15 14 13 S2BMOD
MSTRO LSOURCE 8 RSOURCE RLSOURCE 7 SOURCE 3
S1A 12 S1B CA 13 + EGS 6 8 13 8
S2A 14 13 S2B CB + EDS 5 8 14 IT 15 17
-
-
VBAT 22 19 DC 1 ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*30),3))} .MODEL DBODYMOD D (IS = 1.75e-13 RS = 1.75e-2 TRS1 = 1e-4 TRS2 = 5e-6 CJO = 5.9e-10 TT = 5.45e-8 N = 1.03 M = 0.6) .MODEL DBREAKMOD D (RS = 6.50e-1 TRS1 = 1.25e-4 TRS2 = 1.34e-6) .MODEL DPLCAPMOD D (CJO = 3.21e-10 IS = 1e-30 N = 10 M = 0.81) .MODEL MMEDMOD NMOS (VTO = 2.02 KP = .83 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 3.37) .MODEL MSTROMOD NMOS (VTO = 2.39 KP = 14 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u) .MODEL MWEAKMOD NMOS (VTO = 1.78 KP = 0.02 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 33.7 RS = 0.1) .MODEL RBREAKMOD RES (TC1 = 1.06e-3 TC2 = 0) .MODEL RDRAINMOD RES (TC1 = 1.23e-2 TC2 = 2.58e-5) .MODEL RSLCMOD RES (TC1 = 0 TC2 = 0) .MODEL RSOURCEMOD RES (TC1 = 1e-3 TC2 = 0) .MODEL RVTHRESMOD RES (TC1 = -2.19e-3 TC2 = -4.97e-6) .MODEL RVTEMPMOD RES (TC1 = -1.6e-3 TC2 = 1e-7) .MODEL S1AMOD VSWITCH (RON = 1e-5 .MODEL S1BMOD VSWITCH (RON = 1e-5 .MODEL S2AMOD VSWITCH (RON = 1e-5 .MODEL S2BMOD VSWITCH (RON = 1e-5 .ENDS ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 VON = -4 VOFF= -2.5) VON = -2.5 VOFF= -4) VON = -0.5 VOFF= 0) VON = 0 VOFF= -0.5)
For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
(c)2002 Fairchild Semiconductor Corporation
+
-
EBREAK 11 7 17 18 67.8 EDS 14 8 5 8 1 EGS 13 8 6 8 1 ESG 6 10 6 8 1 EVTHRES 6 21 19 8 1 EVTEMP 20 6 18 22 1
RDRAIN 21 16
DBODY
MWEAK MMED
RBREAK 18 RVTEMP 19
VBAT +
8 22 RVTHRES
RFD3055LE, RFD3055LESM, RFP3055LE Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of RFD3055LE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X